Part Number Hot Search : 
ZTX600Z AEL60 IS82C55A RLZ6V2 17404 IA80C186 RN1205 EVAL5985
Product Description
Full Text Search
 

To Download TMMH-105-04-T-D-RA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (2,00mm) .0787" tmmh series choice of 2, 3, 4, 5 and 6 rows on (2,00mm) .0787" pitch (2,00mm) .0787" through-hole (2,00mm) .0787" tmmh?116?04?t?6 tmmh?125?04?g?d?ep www.samtec.com also available low pro? le see tmm series. lead style no. pins per row 1 03 thru 50 tmmh specify lead style from chart mates with: clt, sqt, sqw, esqt, tle, smm, mms, tcsd plating option ?f = gold ? ash on contact area, matte tin on tail ?l = 10" (0,25m) gold on contact area, matte tin on tail ?g = 20" (0,51m) gold on contact area, gold ? ash on tail ?t = matte tin (2,00) .0787 (0,50) .020 sq no. of positions x (2,00) .0787 (2,00) .0787 01 99 02 100 (2,00) .0787 (6,35) .250 no. of positions x (2,00) .0787 + z b a (2,00) .0787 c 01 06 295 300 no. of rows x (2,00) .0787 (2,00) .0787 b c a (2,00) .0787 (2,00) .0787 (shrouded option requires -d) ?d note: some lengths, styles and options are non-standard, non-returnable. for complete speci cations see www.samtec.com?tmmh insulator material: black liquid crystal polymer terminal material: phosphor bronze plating: sn or au over 50? (1,27?) ni operating temp range: -55? to +105? with tin; -55? to +125? with gold voltage rating: 500 vac mated with sqw rohs compliant: ye s processing: max processing temp: 230? for 60 seconds, or 260? for 20 seconds 3x lead?free solderable: ye s option ?es ?ec ?ep & ?epc ?el & ?ebc z (2,92) .115 (4,70) .185 (6,10) .240 (4,45) .175 f-210 ?t ?q ?5 ?6 horizontal applications sqt tmmh surface mount see previous page. shrouded four row vertical & right angle see tmms series. press fit see ptt series. right angle four row see tmm series. paste in hole (pih) processing. contact samtec asp group. application retention clip option (?c) specifications a (7,67) .302 (6,45) .255 (5,94) .234 (8,74) .344 c (2,46) .097 (2,57) .101 (2,29) .090 (3,53) .139 b (3,20) .126 (1,91) .075 (1,65) .065 (3,20) .126 lead style ?01 ?04 ?05 ?06 note: other gold plating options available. contact samtec. flexible through-hole header ambient temp 5.8a 5.1a 4.5a 2.9a current rating mated with esqt sqw 5a 4.6a 4a 2.6a 20c 40c 60c 95c 6 positions (2x3) powered tm extended life product 10 year mixed flowing gas (mfg) tm call samtec for maximum cycles mated with clt
tmmh?125?01?l?d?ra optional end shrouds (2,00mm) .0787" right angle option tmmh?120?04?t?d?ra?es tmmh?110?01?t?d tmmh?116?04?g?d?el tmmh?109?04?g?d www.samtec.com d e (2,62) .103 (2,00) .0787 (1,27) .050 b (3,20) .126 (2,29) .090 (2,03) .080 (1,41) .056 (1,83) .072 y (1,91) .075 dia (4,00) .157 (1,41) .056 (1,83) .072 y (1,83) .072 (1,41) .056 (3,20) .126 (2,44) .096 (1,17) .046 x ?d? ep ?d? es ?d? el ?d? ra ?es (?ra also available with other ? ex shroud options) tail option other options flex shroud options ??xxx? = polarized position specify position of omitted pin ?rc = retention clip (mates to tcsd) (double row only, minimum position 4 and available only ?06 lead style) flex shroud requires -d row & 9 pins/row minimum (for board-to-board interfaces. will not mate with tcsd) ?es = end shroud ?ec = end shroud with locking clip ?ep = end shroud with guide post ?el = end shroud with board lock (boards are positively locked and cannot be unmated) ?ebc = end shroud with board lock and locking clip (boards are positively locked and cannot be unmated) ?epc = end shroud with guide post and locking clip ?d? ec ?d? epc ?d? ebc y (4,45) .175 (3,02) .119 lead style ?01 ?04 & ?05 x (5,84) .230 (4,50) .177 ?d? ra ?rc ?d = double row (required for flex shroud option) ?t = triple row ?q = four row ?5 = five row ?6 = six row row option ?ra = right angle (double & triple row only) (?es, ?ep, ?el double row only) (?ec, ?ebc and ?epc not available) (?06 lead style not available) e (6,60) .260 (5,26) .207 (5,26) .207 lead style ?01 ?04 ?05 d (2,34) .092 (2,62) .103 (3,12) .123 flex shroud options ?es option ?ep option ?el option ?ebc option ?epc option ?t? ra (lead style ?01 only)


▲Up To Search▲   

 
Price & Availability of TMMH-105-04-T-D-RA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X